PART |
Description |
Maker |
MPS3391 MPS929 MPS930A MPS3390 MPS3396 MPS3397 MPS |
NPN silicon amplifier transistor. 45 V. (MPS929 / MPS930A) AMPLIFIER TRANSISTOR AMPLIFIER TRANSISTOR 放大器晶体管
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
CFMS4 |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
|
Central Semiconductor Corp
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
MD3251A MD3251AF MD3251 MQ3261 MD3250 MD3250A MD32 |
PNP silicon dual amplifier transistor.
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
M558-02 2N3043 2N3044 2N3045 2N3048 M558-01 |
From old datasheet system DUAL AMPLIFIER TRANSISTOR
|
MOTOROLA[Motorola, Inc]
|
SUT041C KSD-T7L001-000 |
Dual NPN Bipolar transistor General purpose amplifier
|
KODENSHI KOREA CORP.
|
KTA1837 |
General Purpose Transistor TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
MPSA05 |
General Purpose Transistor EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
2SC3906K 2SC4102 2SC2389S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-voltage Amplifier Transistor(120V 50mA) Transistors
TRANSISTOR|BJT|NPN|120VV(BR)CEO|50MAI(C)|SOT-23VAR
High-voltage Amplifier Transistor(120V/ 50mA) High-voltage Amplifier Transistor(120V, 50mA) 高电压放大器晶体管(120伏特0mA的)
|
Toshiba Semiconductor ROHM[Rohm] Rohm Co., Ltd.
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2SA1425 E000527 |
TRANSISTOR (POWER AMPLIFIER/ DRIVER STAGE AMPLIFIER APPLICATIONS) From old datasheet system TRANSISTOR (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS) 晶体管(功率放大器,放大器的驱动程序
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|